|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
product data sheet part number: C0761A date: 7/10/2007 revision level: 1 3c 22 7/30 tc s-r pvc oas pvc computer cable a. construction diameters b. industry approvals c. electrical properties conductor: insulation: jacket: print legend: cable: #22 awg 7/30 tinned copper 0.010" wall semi-rigid polyvinyl chloride 0.032" polyvinyl chloride 0.029" nom. carol (r) 22 awg -- C0761A -- 75c e111240-8 cmr (ul )c(ul) or 80c awm style 2464 300v --- csa ll69381 cmg -- made in usa 3 conductors @ 1.50" lhl - aluminum/polyester 0.113" nom. 0.049" nom. 0.177" +/- 0.009" (foil out) - #22 7/30 tc d.w. temperature: suggested working voltage (vrms): conductor d.c. resistance: mutual capacitance: characteristic impedance: shield resistance: ground capacitance: 75c (cmr) / 80c (2464) / 60c (cmg) 300 vrms 16.5 ohms/1000 ft nom 35.9 pf/ft @ 1khz nom 52.5 ohms @ 1mhz nom 6.3 ohms/1000 ft nom 64.62 pf/ft @ 1khz nom national electrical code article 800 ul standard 444 type cmr ul standard 758 awm style 2464 csa international type cmg 1 2 3 black white red d. color code (listed as individual conductors or pairs of conduc tors) note: data are subject to change without notice. contact your customer service representative for la test information.
|
Price & Availability of C0761A |